Part Number Hot Search : 
SMP9410 SPX1581 088526 R48D1 5MT750 1N6019C 1220A IR3839
Product Description
Full Text Search
 

To Download XBS024S15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XBS024S15
Schottky Barrier Diode, 200mA, 40V Type
ETR1605-002
FEATURES
Forward Voltage Forward Current : VF=0.53V (TYP.) : IF(AV)=200mA
APPLICATIONS
Low Current Rectification
Repetitive Peak Reverse Voltage : VRM=40V
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARMETER Repetitive Peak Voltage Reverse Voltage (DC) Forward Current (Average) Non Continuous Forward Surge Current Junction Temperature Storage Temperature Range *1
*1
PACKAGING INFORMATION
SYMBOL VRM VR IF(AV) IFSM Tj Tstg
RATINGS 40 40 200 1 125 -55 +150
UNIT V V mA A
Non continuous high amplitude 60Hz half-sine wave.
Cathode Bar
MARKING RULE
PRODUCT NAME
PRODUCT NAME XBS024S15 *
*
: 1 (Product Number) : Assembly Lot Number
SOD-523
Unit : mm
DEVICE ORIENTATION R : Embossed tape, standard feed
Please put the device orientation type "R".
ELECTRICAL CHARACTERISTICS
PARAMETER Forward Voltage Reverse Current Inter-Terminal Capacity Reverse Recovery Time
*2
Ta=25 LIMITS MIN. TYP. 0.33 0.53 5 4 MAX. 0.6 2 UNIT V V A pF ns
SYMBOL VF1 VF2 IR Ct trr IF=10mA IF=200mA VR=40V
TEST CONDITIONS
VR=10V , f=1MHz IF=IR=10mA , irr=1mA
*2 : trr measurement circuit Bias Devise Under Test IF Pulse Generatrix
A
trr t
Oscilloscope 0 irr IR
1/3
XBS024S15
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Forward Current vs. Forward Voltage (2) Reverse Current vs. Reverse Voltage
1000
Reverse Current : IR :( IR (mA) A) Reverse Current Reverse CurrentIR (mA)
1000
Ta=125
Forward Current: IF (mA) Forward CurrentIF (mA)
100
Ta=125 -25
100
75
10
10
75
25
1
25
1
0.1
0.1 0 0.2 0.4 0.6
Forward Voltage: VF (V) Forward VoltageVF (V) (3) Forward Voltage vs. Operating Temperature
0.01 0 10 20 30 40
Reverse Voltage: VRR(V) Reverse VoltageV (V) (4) Reverse Current vs. Operating Temperature
0.6
IF=200mA
1000
VR=40V 20V 5V
0.4
100mA
Reverse Current : IR ( (uA) Reverse CurrentIR A)
Forward Voltage: VF (V) Forward VoltageVF (V)
100
10 1
10mA
0.2
0.1
0.0 -50 0 50 100 150
0.01 0 50 100 150
Operating Temperature: Ta ( Operating TemperatureTa () ) (5) Inter-Terminal Capacity vs. Reverse Voltage
Operating Temperature: Ta (() Operating TemperatureTa ) (6) Average Forward Current vs. Operating Temperature
50
Average Forward Current: IFAV (mA) Average Forward CurrentIFAV (mA) Inter-Terminal Capacity: Ct (pF) Inter-Terminal CapacityCt (pF)
500
40
400
30
300
20
200
10
Ta=25
100
0 0 10 20 30 40
0 0 50 100 150
Reverse Voltage: VR (V) Reverse VoltageVR (V)
Operating Temperature: Ta () Operating TemperatureTa ( )
2/3
XBS024S15
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
3/3


▲Up To Search▲   

 
Price & Availability of XBS024S15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X